Part Number Hot Search : 
1N5230B SN74AHC1 12N01 101MF 3266Z100 OP20HS BCR119L3 SN74AHC1
Product Description
Full Text Search
 

To Download HSMF-C656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bicolor Surface Mount Chip LEDs Technical Data
HSMF-C655 HSMF-C656 HSMF-C657 Features
* Small Size * Diffuse Optics * Compatible with IR Solder Processes * Three Combinations Available: Red/Green, Orange/Green, Yellow/Green * Available in 8 mm Tape on 7" (178 mm) Diameter Reels
Applications
* Symbol Backlighting * Status Indication * Front Panel Indicator
Description
The HSMF-C65x series of bicolor chip-type LEDs are designed in an industry standard package for ease of handling and use. These bicolor LEDs are available as high efficiency red/green, yellow/ green, and orange/green.
The small size, low 1.1 mm profile and wide viewing angle make these LEDs excellent for backlighting applications and front panel illumination. They are compatible with IR reflow soldering processes.
Part Number HSMF-C655 HSMF-C656 HSMF-C657
Color High Efficiency Red/ Green Yellow/ Green Orange/ Green
Parts/Reel 3000 3000 3000
2
Package Dimensions
GREEN 1 1 3 CATHODE MARK 2 2 RED/ORANGE/YELLOW 4 POLARITY 4 RED/ORANGE/YELLOW 3 GREEN
3.20 (0.126) 2.00 (0.079) 0.50 (0.020)
1.10 (0.043)
2.70 (0.106)
0.50 (0.020) R 0.25 (0.010) 0.90 (0.035)
1.40 (0.055)
Notes: 1. Dimensions in mm. 2. Tolerance 0.1 mm unless otherwise noted.
Absolute Maximum Ratings at TA = 25C
Parameter DC Forward Current[1], [2] Power Dissipation Reverse Voltage (IR = 100 A) LED Junction Temperature Operating Temperature Range Storage Temperature Range
Notes: 1. Derate Linearly as shown in Figure 4. 2. Maximum current is for entire package.
HSMF-C65x 25 65 5 95 -25 to +80 -30 to +85
Units mA mW V C C C
3
Optical Characteristics at TA = 25C
Luminous Intensity IV (mcd) @ IF = 20 mA Min. Typ. 1.6 5.0 1.6 1.6 4.0 4.0 5.0 9.0 Peak Wavelength peak (nm) Typ. 639 606 584 570 Color Dominant Wavelength d[1] (nm) Typ. 626 604 586 572 Viewing Angle 21/2 (degrees)[2] Typ. 155 155 155 155 Luminous Efficacy V (lm/W)[3] 145 380 500 595
Color High Efficiency Red Orange Yellow Green
Notes: 1. The dominant wavelength, d, is derived from the 1931 CIE chromaticity diagram and represents the perceived color of the device with respect to standard illuminant D65. 2. 1/2 is the off-axis angle where the luminous intensity if 1 /2 the peak intensity. 3. The luminous efficacy, V , is the ratio of luminous flux to radiant flux, V/e.
Electrical Characteristics at TA = 25C
Reverse Breakdown VR (Volts) @ IR = 100 A Min. 5 5 5 5 Capacitance C (pF) VF = 0, f = 1 MHz Typ. 4 4 3 8 Thermal Resistance RJ-Pin (C/W) 325 325 325 325
Color High Efficiency Red Orange Yellow Green
Forward Voltage VF (Volts) @ I F = 20 mA Typ. Max. 1.9 2.6 2.1 2.6 2.1 2.6 2.2 3.0
4
Bin ID A B C D E
Tolerance: 0.5 nm.
Green Color Bins [1] Dom. Wavelength (nm) Min. Max. 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5
Bin ID A B C D E F
Tolerance: 1 nm.
Orange Color Bins [1] Dom. Wavelength (nm) Min. Max. 597.0 600.0 600.0 603.0 603.0 606.0 606.0 6090 609.0 612.0 612.0 615.0
Bin ID A B C D E F
Tolerance: 0.5 nm.
Yellow/Amber Color Bins [1] Dom. Wavelength (nm) Min. Max. 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 594.5 594.5 597.0
Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Agilent representative for information on currently available bins.
5
Luminous Intensity Bin Limits[1]
Bin ID A B C D E F G H J K L M N P Q R S T U V W X Y
Tolerance: 15%.
Minimum (mcd) 0.11 0.18 0.29 0.45 0.72 1.10 1.80 2.80 4.50 7.20 11.20 18.00 28.50 45.00 71.50 112.50 180.00 285.00 450.00 715.00 1125.00 1800.00 2850.00
Maximum (mcd) 0.18 0.29 0.45 0.72 1.10 1.80 2.80 4.50 7.20 11.20 18.00 28.50 45.00 71.50 112.50 180.00 285.00 450.00 715.00 1125.00 1800.00 2850.00 4500.00
Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Agilent representative for information on currently available bins.
6
1.0
GREEN
ORANGE
RELATIVE INTENSITY
HIGH EFFICIENCY RED 0.5
YELLOW
0
500
550
600
650
700
750
WAVELENGTH - nm
Figure 1. Relative Intensity vs. Wavelength.
20
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0
IF - FORWARD CURRENT - mA
15
YELLOW ORANGE
10
HER GREEN
5
0
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
VF - FORWARD VOLTAGE - V
IDC - DC FORWARD CURRENT - mA
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
40
IF - FORWARD CURRENT - mA
35 30 25 20 15 10 5 0 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE - C
Figure 4. Maximum DC Current vs. Ambient Temperature.
7
20 30 40 50
10
0
1.0
10 SEC. MAX.
.8
NORMALIZED INTENSITY
230C MAX.
TEMPERATURE
.6 60 70 80 90 .4
PRE-HEAT 140-160C
4C/SEC. MAX.
OVER 2 MIN. 4C/SEC. MAX. TIME
.2
10 20 30 40 50 60 70 80 90100 ANGLE
Figure 6. Recommended Reflow Soldering Profile.
Figure 5. Intensity vs. Angle.
USER FEED DIRECTION
1.0 (0.039)
1.0 (0.039) 0.4 (0.016) 1.5 (0.059) 2.0 (0.079) 1.5 (0.059) PRINTED LABEL
CATHODE SIDE
Figure 7. Recommended Solder Pattern. Figure 8. Reeling Orientation.
180 O (7.08) 21.0 (0.83) 2.0 (0.08) 60.0 O (2.36) O 13.0 (0.51) LABEL
60
60
11.4 (0.45) 9.0 (0.35)
NOTE: ALL DIMENSIONS IN MILLIMETERS (INCHES).
Figure 9. Reel Dimensions.
4.00 0.10 (0.157 0.004)
1.50 + 0.10 0 O (0.059 + 0.004) 0
CATHODE
1.30 0.10 (0.051 0.004) 0.20 0.05 (0.008 0.002)
1.75 0.10 (0.069 0.004) 3.50 0.05 (0.138 0.002) 3.7 0.1 (0.146 0.004) 8.00 0.30 (0.315 0.012)
3.15 0.1 (0.124 0.004) 2.00 0.05 (0.079 0.002) 4.00 0.10 (0.157 0.004)
USER FEED DIRECTION
CARRIER TAPE COVER TAPE
Figure 10. Tape Dimensions.
END
START
THERE SHALL BE A MINIMUM OF 40 mm (1.57 INCH) OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
MOUNTED WITH COMPONENTS
THERE SHALL BE A MINIMUM OF 40 mm (1.57 INCH) OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
150 mm-360 mm (5.9 - 14.2 INCH) MAY CONSIST OF CARRIER AND/OR COVER TAPE.
Figure 11. Tape Leader and Trailer Dimensions.
www.agilent.com/semiconductors
Storage Condition: 5 to 30 C @ 60% RH max. Baking is required under the condition: a) the blue silica gel indicator becoming white/transparent color b) the pack has been opened for more than 1 week Baking recommended condition: 60 5C for 20 hours.
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. Obsoletes 5988-4447EN July 31, 2002 5988-7313EN


▲Up To Search▲   

 
Price & Availability of HSMF-C656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X